Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 20Page - STMicroelectronics AN3311 Datasheet HTML 21Page - STMicroelectronics AN3311 Datasheet HTML 22Page - STMicroelectronics AN3311 Datasheet HTML 23Page - STMicroelectronics AN3311 Datasheet HTML 24Page - STMicroelectronics AN3311 Datasheet HTML 25Page - STMicroelectronics AN3311 Datasheet HTML 26Page - STMicroelectronics AN3311 Datasheet HTML 27Page - STMicroelectronics AN3311 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Demonstration firmware system setup
AN3311
24/58
Doc ID 18209 Rev 1
5
Demonstration firmware system setup
5.1
Hardware requirements
a)
ZigBee adapter board
b)
ZigBee module SPZB260-PRO
c)
VDC/2A isolated power supply is recommended
d)
One JTAG programmer/debugger dongle (J-Link from SEGGER or IAR Systems™
is recommended). It is unnecessary if no modifications to the firmware code have
been performed.
5.2
STM3210C-EVAL demonstration board setup
Set up the STM3210C-EVAL board as follows:
●
Close jumper JP19
●
Keep JP15 open
●
Remove R79, R84, and R169.
5.3
STM3210C-EVAL and ZigBee adapter with M24LR62-r
memory
Table 9.
ZigBee adapter pin description
STM32 pin no. Pin name
STM3210C-EVAL I/O
assignment
Extension connector pin
no.
ZigBee adapter I/O
assignment
-
VDD
3.3 V
CN8 - Pin 48
VCC_3V3
-
VSS
GND
CN9 - Pin 50
GND
29
PA4
SPI1_NSS
CN9 - Pin 41
ZIG_SS
30
PA5
SPI1_CLK
CN9 - Pin 40
ZIG_SCLK
31
PA6
SPI1_MISO
CN9 - Pin 38
ZIG_MISO
32
PA7
SPI1_MOSI
CN9 - Pin 37
ZIG_MOSI
92
PB6
CAN2_TX/I2C1_SCK
CN8 - Pin 36
I2C1_SCK
93
PB7
I2C1_SDA
CN8 - Pin 37
I2C1_SDA
2
PE3
Trace_D0
CN8 - Pin 42
ZIG_HOST_INT
3
PE4
Trace_D1
CN8 - Pin 43
VCC-GPIO (for M24LR64-
r)
4
PE5
Trace_D2
CN8 - Pin 44
ZIG_WAKE
5
PE6
Trace_D3
CN8 - Pin 47
ZIG_RSTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com