Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 8Page - STMicroelectronics AN3311 Datasheet HTML 9Page - STMicroelectronics AN3311 Datasheet HTML 10Page - STMicroelectronics AN3311 Datasheet HTML 11Page - STMicroelectronics AN3311 Datasheet HTML 12Page - STMicroelectronics AN3311 Datasheet HTML 13Page - STMicroelectronics AN3311 Datasheet HTML 14Page - STMicroelectronics AN3311 Datasheet HTML 15Page - STMicroelectronics AN3311 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
STM3210C-EVAL demonstration board
AN3311
12/58
Doc ID 18209 Rev 1
4.1
Features
●
Three 5 V power supply options: power jack, USB connector, or daughterboard
●
Boot from user Flash, system memory or SRAM
●
I2S audio DAC, stereo audio jack
●
512 MByte (or bigger) micro-SD cardTM
●
Both type A and B smartcard support
●
I2C compatible serial interface 64-Kbit EEPROM, MEMS and I/O expander
●
RS-232 communication
●
IrDA transceiver
●
USB-OTG full speed, USB mini-AB connector
●
IEEE-802.3-2002 compliant Ethernet connector
●
Two channels of CAN2.0A/B compliant connection
●
Inductor motor control connector
●
JTAG and trace debug support
●
3.2" 240x320 TFT color LCD with touchscreen
●
Joystick with 4-direction control and selector
●
Reset, wake-up, tamper, and user button
●
4 color LEDs
●
RTC with backup battery
●
MCU consumption measurement circuit
●
Extension connector for daughterboard or wrapping board.
4.2
STM32 peripherals mapping
The STM3210C-EVAL demonstration board is designed around the STM32F107VC in a
100-pin TQFP package. The hardware block diagram, Figure 5, illustrates the connection
between the STM32F107VC and peripherals (LCD, EEPROM, MEMS, USART, IrDA, USB-
OTG, Ethernet, audio, CAN bus, smartcard, micro-SD card, and motor control) and these
features can be located on the actual demonstration board in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com