Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 15Page - STMicroelectronics AN3311 Datasheet HTML 16Page - STMicroelectronics AN3311 Datasheet HTML 17Page - STMicroelectronics AN3311 Datasheet HTML 18Page - STMicroelectronics AN3311 Datasheet HTML 19Page - STMicroelectronics AN3311 Datasheet HTML 20Page - STMicroelectronics AN3311 Datasheet HTML 21Page - STMicroelectronics AN3311 Datasheet HTML 22Page - STMicroelectronics AN3311 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
AN3311
STM3210C-EVAL demonstration board
Doc ID 18209 Rev 1
19/58
4.13
Daughterboard extension connector CN8 and CN9
Two 50-pin male headers, CN8 and CN9, can be used to connect a daughterboard or
standard wrapping board to the STM3210C-EVAL demonstration board. All 80 GPIOs are
available on it. The space between these two connectors and the power position, GND and
RESET pin are defined as a standard, which allows to develop common daughterboards for
several demonstration boards. The standard width between CN8 pin1 and CN9 pin1 is 2700
mills (68.58mm). This standard was implemented on the majority of demonstration boards.
Each pin on CN8 and CN9 can be used by a daughterboard after disconnecting it from the
corresponding function block on the STM3210C-EVAL demonstration board.
11
RTCK
12
GND
13
PB3
14
GND
15
RESET#
16
GND
17
DBGRQ
18
GND
19
DBGACK
20
GND
Table 6.
JTAG debugging connector CN13 (continued)
Pin number
Description
Pin number
Description
Table 7.
Daughterboard extension connector CN8
Pin
Description
Alternate function
How to disconnect with function block on STM3210C-
EVAL board
1GND
-
3PC7
MC
Disconnect STM3210C-EVAL board from motor power drive
board
5
PC9
USB power switch On
Remove R36
7
PA9
USB VBUS
Remove R78
9
PA0
MC/Ethernet/WKUP
Keep JP14 open. Disconnect STM3210C-EVAL board from
motor power drive board.
11
PC14 via SB1
32 kHz oscillator
Remove R161, close SB1
13
PA12
USB_DP
Remove R43 or disconnect USB cable
15
PC15 via SB2
32 kHz oscillator
Remove R59, close SB2
17
PC10
SPI1_CLK
19
GND
-
21
PC12
SPI1_MOSI
23
PD1
CAN1_TX
25
PD3
LD3
Remove R96
27
PD5
USART2_TX
29
PD7
LD1
Remove R94
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com