Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 45Page - STMicroelectronics AN3311 Datasheet HTML 46Page - STMicroelectronics AN3311 Datasheet HTML 47Page - STMicroelectronics AN3311 Datasheet HTML 48Page - STMicroelectronics AN3311 Datasheet HTML 49Page - STMicroelectronics AN3311 Datasheet HTML 50Page - STMicroelectronics AN3311 Datasheet HTML 51Page - STMicroelectronics AN3311 Datasheet HTML 52Page - STMicroelectronics AN3311 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
AN3311
Schematics
Doc ID 18209 Rev 1
49/58
9.5
LCD
Figure 30.
LCD schematic
AM08496v1
LCD_CS
LCD_CLK
LCD_DO
LCD_DI
RESET#
TouchScreen_X+
TouchScreen_X-
TouchScreen_Y+
TouchScreen_Y-
CS
1
RS
2
WR/SCL
3
RD
4
RESET
5
VDD
24
VCI
25
GND
26
GND
27
BL_VDD
28
BL_Control
23
BL_GND
22
PD1
6
PD2
7
PD3
8
PD4
9
PD5
10
PD6
11
PD7
12
PD8
13
PD10
14
PD11
15
PD12
16
PD13
17
PD14
18
PD15
19
PD16
20
PD17
21
SDO
29
SDI
30
XL
31
XR
32
YD
33
YU
34
CN14
3.2" LCD_connector (MB785 with AM-240320D4TOQW-T00H(R))
CS
1
SCL
2
SDI
3
RS
4
WR
5
RD
6
RESET
8
VDD
9
VCI
10
SDO
7
GND
11
GND
12
BL_VDD
13
BL_Control
14
BL_GND
15
BL_GND
16
CN15
2.4" LCD connector(MB542 with AM240320L8TNQW-00H)
+3V3
+3V3
+5V
+3V3
+5V
PB2
PC10
PC11
PC12
To IO expandor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com