Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 25 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 25 Page - NEC

Back Button UPD75402ACT Datasheet HTML 21Page - NEC UPD75402ACT Datasheet HTML 22Page - NEC UPD75402ACT Datasheet HTML 23Page - NEC UPD75402ACT Datasheet HTML 24Page - NEC UPD75402ACT Datasheet HTML 25Page - NEC UPD75402ACT Datasheet HTML 26Page - NEC UPD75402ACT Datasheet HTML 27Page - NEC UPD75402ACT Datasheet HTML 28Page - NEC UPD75402ACT Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
µPD75402A(A)
9.
INSTRUCTION SET
(1) Representation format and description method of operands
An operand is described in the operand field of each instruction according to the description method
corresponding to the operand representation format of the instruction refer to "RA75X Assembler Package
User's Manual, Language" (EEU-1363) for details. When two or more elements are described in the
description method field, select one of them. Upper-case letters, a number sign (#), and at mark (@), an
exclamation mark (!), and a dollar sign ($) are keywords, so they can be used without alteration.
Specify an appropriate numeric value or label for immediate data.
The symbols of registers and flags can be used as labels instead of mem, fmem, and bit (refer to the
"
µPD75402A User's Manual" (IEU-644) for details). Some labels, however, cannot be specified in fmem.
Note Only an even address can be written in mem when 8-bit data is processed.
(2) Legend
A
: A register, 4-bit accumulator
H
: H register
L
: L register
X
: X register
XA
: Register pair (XA), 8-bit accumulator
HL
: Register pair (HL)
PC
: Program counter
SP
: Stack pointer
CY
: Carry flag, bit accumulator
PSW
: Program status word
PORTn: Port n (n = 0 to 3, 5, 6)
IME
: Interrupt master enable flag
IE
××× : Interrupt enable flag
PCC
: Processor clock control register
·
: Address/bit delimiter
(
××)
: Contents addressed by
××
××H
: Hexadecimal data
Representation format
reg
reg1
rp
n4
n8
mem
bit
fmem
addr
caddr
faddr
PORTn
IE
×××
Description method
X, A, H, L
X, H, L
XA, HL
4-bit immediate data or label
8-bit immediate data or label
8-bit immediate data or label Note
2-bit immediate data or label
FB0H - FBFH/FF0H - FFFH immediate data or label
11-bit immediate data or label
11-bit immediate data or label
11-bit immediate data or label
PORT0 - PORT3, PORT5, PORT6
IEBT, IECSI, IE0, IE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com