Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 11 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 11 Page - NEC

Back Button UPD75402ACT Datasheet HTML 7Page - NEC UPD75402ACT Datasheet HTML 8Page - NEC UPD75402ACT Datasheet HTML 9Page - NEC UPD75402ACT Datasheet HTML 10Page - NEC UPD75402ACT Datasheet HTML 11Page - NEC UPD75402ACT Datasheet HTML 12Page - NEC UPD75402ACT Datasheet HTML 13Page - NEC UPD75402ACT Datasheet HTML 14Page - NEC UPD75402ACT Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
µPD75402A(A)
3.5
HANDLING UNUSED PINS
Recommended connection method
Connected to the VSS pin
•
When a pull-up resistor is contained
Connected to the VDD pin
•
When a pull-up resistor is not contained
Connected to the VSS or VDD pin
•
When a pull-up resistor is contained
Input mode
: Connected to the VDD pin
Output mode : Open
•
When a pull-up resistor is not contained
Input mode
: Connected to the VSS or VDD pin
Output mode : Open
Open or directly connected to the VSS pin Note
Pin
P00
P01 - P03
P10, P12
P20 - P23
P30 - P33
P50 - P53
P60 - P63
NC
•
Connect a capacitor between the pin and VDD.
Note When the
µPD75402A(A) shares the printed circuit board with the µPD75P402, connect the NC pin
directly to VSS pin.
3.6
NOTES ON USING THE P00 AND RESET PINS
The P00 and RESET pins have the test mode selecting function for testing the internal operation of the
µPD75402A(A) (IC test), besides the functions shown in Sections 3.1 and 3.2.
Applying a voltage exceeding VDD to the P00 and/or RESET pin causes the
µPD75402A(A) to enter the test
mode. When noise exceeding VDD comes in during normal operation, the device is switched to the test mode.
For example, when the wiring from the P00 or RESET pin is too long, noise voltage induced on the wiring
is applied to the pin, driving the voltage at the pin above VDD, which may cause malfunction.
When installing the wiring, lay the wiring in such a way that noise is suppressed as much as possible. If
noise yet arises, use an external part to suppress it as shown below.
•
Connect a diode with low VF (0.3 V or lower)
between the pin and VDD.
VDD
P00, RESET
VDD
VDD
P00, RESET
VDD
Diode with
low VF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com