Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 14 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 14 Page - NEC

Back Button UPD75402ACT Datasheet HTML 10Page - NEC UPD75402ACT Datasheet HTML 11Page - NEC UPD75402ACT Datasheet HTML 12Page - NEC UPD75402ACT Datasheet HTML 13Page - NEC UPD75402ACT Datasheet HTML 14Page - NEC UPD75402ACT Datasheet HTML 15Page - NEC UPD75402ACT Datasheet HTML 16Page - NEC UPD75402ACT Datasheet HTML 17Page - NEC UPD75402ACT Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
µPD75402A(A)
5.
PERIPHERAL HARDWARE FUNCTIONS
5.1
PORTS
The
µPD75402A(A) has the following three types of I/O port:
• 6 CMOS input pins (PORT0 and PORT1)
• 12 CMOS I/O pins (PORT2, PORT3, and PORT6)
• 4 N-ch open-drain I/O pins (PORT5)
Total: 22 pins
Table 5-1 Functions of Ports
Note PORT3, PORT5, and PORT6 can directly drive the LED.
Port name
PORT0
PORT1
PORT3 Note
PORT2
PORT6 Note
PORT5 Note
Function
4-bit Input
4-bit I/O
4-bit I/O (N-ch
open-drain I/O
with a withstand
voltage of 10 V)
Remarks
Also used for SO/SB0, SI, SCK, INT0, and
INT2.
—
Port 2 is also used for PCL.
This port can incorporate a pull-up
resistor as a mask option bit by bit.
Operation and feature
Allows read and test at any
time regardless of the operation
modes of dual function pins.
Allows input or output mode
setting bit by bit.
Allows input or output mode
setting in units of 4 bits.
Allows input or output mode
setting in units of 4 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com