Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 8 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 8 Page - NEC

Back Button UPD75402ACT Datasheet HTML 4Page - NEC UPD75402ACT Datasheet HTML 5Page - NEC UPD75402ACT Datasheet HTML 6Page - NEC UPD75402ACT Datasheet HTML 7Page - NEC UPD75402ACT Datasheet HTML 8Page - NEC UPD75402ACT Datasheet HTML 9Page - NEC UPD75402ACT Datasheet HTML 10Page - NEC UPD75402ACT Datasheet HTML 11Page - NEC UPD75402ACT Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
µPD75402A(A)
3.2
NON-PORT PINS
Remark See Chapter 8 for each pin status during resetting.
Note Connect the NC pin directly to the VSS pin when the
µPD75402A(A) shares the printed circuit board
with the
µPD75P402 in emulation.
3.3
PIN INPUT/OUTPUT CIRCUITS
The I/O circuits of the
µPD75402A(A) are roughly shown on the next and subsequent pages.
Table 1-1 I/O Circuit Type of Pin
Remark The types in circles have a Schmitt-triggered input.
Pin
INT0
INT2
SI
SO
SCK
SB0
PCL
X1, X2
RESET
VDD
VSS
NC Note
I/O
Input
Input
Input
I/O
I/O
I/O
I/O
Input
Input
–
–
–
Dual-
function pin
P10
P12
P03
P02/SB0
P01
P02/SO
P22
–
–
–
–
–
Function
Edge detection vectored interrupt request input pin (A detected edge
can be selected by the mode register.)
Connects with the built-in noise eliminator using a sampling clock.
Edge detection external test input pin (A rising edge is detected.)
Serial data input pin
Serial data output pin
Serial clock I/O pin
Serial bus I/O pin
Clock output pin
Pin for connection to a crystal/ceramic resonator for system clock
generation. An external clock is applied to X1, and its reverse phase to
X2.
System reset input pin, which connects with the built-in noise elimina-
tor using an analog delay.
Positive power supply pin
Ground potential pin
No connection
Pin
P00
P01 /SCK
P02 / SO / SB0
P03 / SI
P10 / INT0
P12 /INT2
Pin
P20, P21, and P23
P22 /PCL
P30 - P33
P50 - P53
P60 - P63
RESET
I/O type
E-B
E-B
M
E-B
I /O type
-A
-B
-C
-C
B
B
B
B
F
F
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com