Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 12 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 12 Page - NEC

Back Button UPD75402ACT Datasheet HTML 8Page - NEC UPD75402ACT Datasheet HTML 9Page - NEC UPD75402ACT Datasheet HTML 10Page - NEC UPD75402ACT Datasheet HTML 11Page - NEC UPD75402ACT Datasheet HTML 12Page - NEC UPD75402ACT Datasheet HTML 13Page - NEC UPD75402ACT Datasheet HTML 14Page - NEC UPD75402ACT Datasheet HTML 15Page - NEC UPD75402ACT Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
µPD75402A(A)
4.
MEMORY CONFIGURATION
• Program memory (ROM): 1920
× 8 bits (000H to 77FH)
• 000H and 001H : Vector table which contains the program start address after reset
• 002H to 009H
: Vector table which contains the program start addresses when interrupts occur
• Data memory
• Data area
: 64
× 4 bits (000H to 03FH)
• Peripheral hardware area: 128
× 4 bits (F80H to FFFH)
Fig. 4-1 Program Memory Map
00000
00000
00000
00000
76543
Reset start address
(three high-order bits)
INTBT start address
(three high-order bits)
INT0 start address
(three high-order bits)
Reset start address (eight low-order bits)
INTBT start address (eight low-order bits)
INT0 start address (eight low-order bits)
INTCSI start address
(three high-order bits)
INTCSI start address (eight low-order bits)
Address
000H
001H
002H
003H
004H
005H
008H
009H
77FH
0
Entry address specified in
CALLF !faddr instruction
Branch address specified in
BRCB !caddr instruction
Relative branch address specified in
BR $addr instruction
–15 to –1,
+2 to +16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com