Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 38 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 38 Page - NEC

Back Button UPD75402ACT Datasheet HTML 34Page - NEC UPD75402ACT Datasheet HTML 35Page - NEC UPD75402ACT Datasheet HTML 36Page - NEC UPD75402ACT Datasheet HTML 37Page - NEC UPD75402ACT Datasheet HTML 38Page - NEC UPD75402ACT Datasheet HTML 39Page - NEC UPD75402ACT Datasheet HTML 40Page - NEC UPD75402ACT Datasheet HTML 41Page - NEC UPD75402ACT Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
38
µPD75402A(A)
11.
PACKAGE DIMENSIONS
28 PIN PLASTIC DIP (600 mil)
ITEM
MILLIMETERS
INCHES
A
B
C
F
G
H
I
J
K
38.10 MAX.
2.54 (T.P.)
3.6±0.3
0.51 MIN.
4.31 MAX.
2.54 MAX.
L
0.25
15.24 (T.P.)
5.72 MAX.
13.2
N
1.2 MIN.
1.500 MAX.
0.100 MAX.
0.047 MIN.
0.142±0.012
0.020 MIN.
0.170 MAX.
0.226 MAX.
0.600 (T.P.)
0.520
0.01
0.100 (T.P.)
P28C-100-600A1-1
D
0.50±0.10
0.020
M
0.25
0.010
+0.10
–0.05
R0‘ 15
0‘ 15
+0.004
–0.005
+0.004
–0.003
NOTES
Each lead centerline is located within 0.25 mm (0.01 inch)
of its true position (T.P.) at maximum material condition.
Item "K" to center of leads when formed parallel.
1)
2)
28
1
15
14
A
M
R
K
L
B
C
F
D
M
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com