Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 37 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 37 Page - NEC

Back Button UPD75402ACT Datasheet HTML 33Page - NEC UPD75402ACT Datasheet HTML 34Page - NEC UPD75402ACT Datasheet HTML 35Page - NEC UPD75402ACT Datasheet HTML 36Page - NEC UPD75402ACT Datasheet HTML 37Page - NEC UPD75402ACT Datasheet HTML 38Page - NEC UPD75402ACT Datasheet HTML 39Page - NEC UPD75402ACT Datasheet HTML 40Page - NEC UPD75402ACT Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
37
µPD75402A(A)
Data Hold Timing (STOP Mode Release by RESET)
VDD
RESET
VDDDR
tSRS
tOS
STOP instruction execution
STOP mode
Data hold mode
HALT mode
Operating mode
DATA HOLD CHARACTERISTICS AT LOW SUPPLY VOLTAGE IN DATA MEMORY STOP MODE
(Ta = –40 to +85 ˚C)
Parameter
Data hold supply
voltage
Data hold supply
current
RESET setup time
Oscillation settling
time
Symbol
VDDDR
IDDDR
tSRS
tOS
Min.
2.0
0
Typ.
0.1
Max.
6.0
10
4
10
Unit
V
µA
µs
ms
ms
Conditions
VDDDR = 2.0 V
After VDD reaches the oscillation
voltage range when the ceramic
resonator is connected
After VDD reaches the oscillation
voltage range when the crystal is
connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com