Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 30 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 30 Page - NEC

Back Button UPD75402ACT Datasheet HTML 26Page - NEC UPD75402ACT Datasheet HTML 27Page - NEC UPD75402ACT Datasheet HTML 28Page - NEC UPD75402ACT Datasheet HTML 29Page - NEC UPD75402ACT Datasheet HTML 30Page - NEC UPD75402ACT Datasheet HTML 31Page - NEC UPD75402ACT Datasheet HTML 32Page - NEC UPD75402ACT Datasheet HTML 33Page - NEC UPD75402ACT Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
30
µPD75402A(A)
Resonator
Ceramic
resonator
Crystal
External
clock
Recommended
constant
Parameter
Oscillator
frequency
(fXX) Note 1
Oscillation
settling time
Note 2
Oscillator
frequency
(fXX) Note 1
Oscillation
settling time
Note 2
X1 input
frequency
(fX) Note 1
X1 input
high/low
level width
(tXH, tXL)
CHARACTERISTICS OF THE OSCILLATION CIRCUIT (Ta = –40 to +85 ˚C, V DD = 2.7 to 6.0 V)
Notes 1. The oscillator frequency and X1 input frequency indicate only the oscillator characteristics. See
the item of AC characteristics for the instruction execution time.
2. The oscillation settling time means the time required for the oscillation to settle after VDD is applied
or after the STOP mode is released.
3. When 4.19 MHz < fX
≤ 5.0 MHz, do not select PCC = 0011 as the instruction execution time. When
PCC = 0011, one machine cycle falls short of 0.95
µs, the minimum value for the standard.
Caution When the clock oscillator is used, conform to the following guidelines when wiring at the
portions surrounded by dotted lines in the figures above to eliminate the influence of the wiring
capacity.
• The wiring must be as short as possible.
• Other signal lines must not run in these areas.
• Any line carrying a high fluctuating current must be kept away as far as possible.
• The grounding point of the capacitor of the oscillator must have the same potential as that
of VSS. It must not be grounded to ground patterns carrying a large current.
• No signal must be taken from the oscillator.
CAPACITANCE (Ta = 25 ˚C, V DD = 0 V)
Unit
MHz
ms
MHz
ms
MHz
ns
Min.
2.0
2.0
2.0
100
Typ.
4.19
Max.
5.0 Note 3
4
5.0 Note 3
10
5.0 Note 3
250
Conditions
VDD = oscillation
voltage range
After VDD reaches
MIN. of the oscilla-
tion voltage range
VDD = 4.5 to 6.0 V
X1
X2
C1
C2
X1
X2
C1
C2
X1
X2
µPD74HCU04
Parameter
Input capacitance
Output capacitance
I/O capacitance
Symbol
CIN
COUT
CIO
Min.
Typ.
Max.
15
15
15
Unit
pF
pF
pF
Conditions
f = 1 MHz
0 V for pins other than pins to be
measured
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com