Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 4 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 4 Page - NEC

  UPD75402ACT Datasheet HTML 1Page - NEC UPD75402ACT Datasheet HTML 2Page - NEC UPD75402ACT Datasheet HTML 3Page - NEC UPD75402ACT Datasheet HTML 4Page - NEC UPD75402ACT Datasheet HTML 5Page - NEC UPD75402ACT Datasheet HTML 6Page - NEC UPD75402ACT Datasheet HTML 7Page - NEC UPD75402ACT Datasheet HTML 8Page - NEC UPD75402ACT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
µPD75402A(A)
1.
PIN CONFIGURATION (TOP VIEW)
28-pin plastic DIP (600 mil), 28-pin plastic shrink DIP (400 mil)
Note NC
1
28
VDD
RESET
2
27
X1
P00
3
26
X2
P01/SCK
4
25
P12 /INT2
P02/SO/SB0
5
24
P10/INT0
P03/SI
6
23
P23
P50
7
22
P22 /PCL
P51
8
21
P21
P52
9
20
P20
P53
10
19
P63
P30
11
18
P62
P31
12
17
P61
P32
13
16
P60
VSS
14
15
P33
P00 - P03
: Port 0
SCK
: Serial clock I/O
P10 and P12: Port 1
SO/SB0
: Serial output/input-output
P20 - P23
: Port 2
SI
: Serial input
P30 - P33
: Port 3
PCL
: Clock output
P50 - P53
: Port 5
INT0
: External vectored interrupt input
P60 - P63
: Port 6
INT2
: External test input
X1 and X2 : Oscillating pins
RESET
: Reset input
VDD
: Power supply
VSS
: Ground
NC
: No connection
Note When the
µPD75402A(A) shares the printed circuit board with the µPD75P402, connect the NC pin
directly to the VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com