Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 15 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 15 Page - NEC

Back Button UPD75402ACT Datasheet HTML 11Page - NEC UPD75402ACT Datasheet HTML 12Page - NEC UPD75402ACT Datasheet HTML 13Page - NEC UPD75402ACT Datasheet HTML 14Page - NEC UPD75402ACT Datasheet HTML 15Page - NEC UPD75402ACT Datasheet HTML 16Page - NEC UPD75402ACT Datasheet HTML 17Page - NEC UPD75402ACT Datasheet HTML 18Page - NEC UPD75402ACT Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
15
µPD75402A(A)
5.2
CLOCK GENERATOR
Operation of the clock generator is specified by the processor clock control register (PCC).
The instruction execution time is variable.
• 0.95
µs, 1.91 µs, 15.3 µs (when fXX is 4.19 MHz.)
Fig. 5-1 Block Diagram of the Clock Generator
VDD
X1
X2
System
clock
oscillator
fXX or fX
Oscillation
stops.
1/16 to 1/512
Frequency divider
1/2 1/16
Frequency
divider
HALT flip-
flop
S
RQ
RESET input rising edge
detection signal
RESET input falling
edge detection signal
Standby release signal
from interrupt control circuit
STOP flip-
flop
QS
R
All bits are
cleared.
PCC2 is
cleared.
HALT*
STOP*
PCC0
PCC1
PCC2
PCC3
4
PCC
· Basic interval timer (BT)
· Clock output circuit
· Serial interface
1/4
Φ
· INT0 noise eliminator
· CPU
· INT0 noise
eliminator
· Clock output
circuit
Remarks 1. fXX = Crystal/ceramic oscillated frequency
2. fX = External clock frequency
3.
Φ = CPU clock
4. An asterisk (*) indicates instruction execution.
5. PCC: Processor clock control register
6. One clock cycle (tCY) of
Φ is equal to one machine cycle of an instruction. See AC
characteristics of Chapter 10 for details of tCY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com