Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 32 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 32 Page - NEC

Back Button UPD75402ACT Datasheet HTML 28Page - NEC UPD75402ACT Datasheet HTML 29Page - NEC UPD75402ACT Datasheet HTML 30Page - NEC UPD75402ACT Datasheet HTML 31Page - NEC UPD75402ACT Datasheet HTML 32Page - NEC UPD75402ACT Datasheet HTML 33Page - NEC UPD75402ACT Datasheet HTML 34Page - NEC UPD75402ACT Datasheet HTML 35Page - NEC UPD75402ACT Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
µPD75402A(A)
Typ.
Max.
32
32
Min.
0.95
3.8
10
10
Unit
µs
µs
µs
µs
µs
Note 2
AC CHARACTERISTICS (Ta = –40 to +85 ˚C, V DD = 2.7 to 6.0 V, VSS = 0 V)
Notes 1. The cycle time of the CPU clock (
Φ)
(minimum instruction execution time)
depends on the connected resonator
frequency and the setting of the proc-
essor clock control register (PCC).
The figure on the right side shows
the cycle time tCY characteristics for
the supply voltage VDD.
2. This value is 2tCY or 128/fXX according
to the setting of the interrupt mode
register (IM0).
Symbol
tCY
tINTH, tINTL
tRSL
Parameter
CPU clock cycle time Note 1
(minimum instruction execu-
tion time = one machine cycle)
Interrupt input high/low level
width
RESET low-level width
Conditions
VDD = 4.5 to 6.0 V
INT0
INT2
Guaranteed operating
range
40
32
7
6
5
4
3
2
1
0.5
0123456
Supply voltage VDD [V]
tCY vs. VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com