Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 16 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 16 Page - NEC

Back Button UPD75402ACT Datasheet HTML 12Page - NEC UPD75402ACT Datasheet HTML 13Page - NEC UPD75402ACT Datasheet HTML 14Page - NEC UPD75402ACT Datasheet HTML 15Page - NEC UPD75402ACT Datasheet HTML 16Page - NEC UPD75402ACT Datasheet HTML 17Page - NEC UPD75402ACT Datasheet HTML 18Page - NEC UPD75402ACT Datasheet HTML 19Page - NEC UPD75402ACT Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
µPD75402A(A)
5.3
CLOCK OUTPUT CIRCUIT
The clock output circuit, which outputs clock pulses from pin P22/PCL, is used for supplying clock pulses
for peripheral LSIs or for remote control output.
• Clock output (PCL):
1.05 MHz, 524 kHz, 65.5 kHz (when fXX is 4.19 MHz).
Fig. 5-2 shows the configuration of the clock output circuit.
Fig. 5-2 Configuration of the Clock Output Circuit
From the clock
generator
CLOM3
0
Selector
Output
buffer
Port 2 input/
output mode
specification bit
P22 output
latch
P22/PCL
Internal bus
4
Φ
f XX/2
6
PORT2.2
Bit 2 of PMGB
CLOM1 CLOM0 CLOM
Remark The clock output circuit is designed not to output high-frequency pulses when clock output is
switched between the enable and disable states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com