Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75402ACT Datasheet(PDF) 1 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 1 Page - NEC

  UPD75402ACT Datasheet HTML 1Page - NEC UPD75402ACT Datasheet HTML 2Page - NEC UPD75402ACT Datasheet HTML 3Page - NEC UPD75402ACT Datasheet HTML 4Page - NEC UPD75402ACT Datasheet HTML 5Page - NEC UPD75402ACT Datasheet HTML 6Page - NEC UPD75402ACT Datasheet HTML 7Page - NEC UPD75402ACT Datasheet HTML 8Page - NEC UPD75402ACT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Printed in Japan
MOS INTEGRATED CIRCUIT
DATA SHEET
µPD75402A(A)
4 BIT SINGLE-CHIP MICROCOMPUTER
The
µPD75402A(A) is a CMOS single-chip microcomputer which uses the 75X series architecture. It operates
at high speed with a minimum instruction execution time of 0.95
µs.
The
µPD75P402 is also available for system development evaluation. It contains one-time PROM instead
of mask ROM used in the
µPD75402A(A).
The following user's manual describes the details of the functions of the
µPD75402A(A). Be sure to read
it before designing an application system.
µPD75402A User's Manual: IEU-644
FEATURES
• More reliable than the
µPD75402A
• High-speed operation with a minimum instruction execution time of 0.95
µs (when the microcomputer
operates at 4.19 MHz)
• Low voltage and low-speed instruction execution time of 15.3
µs (when the microcomputer operates at
4.19 MHz)
• Memory mapping by on-chip peripheral hardware
• NEC standard serial bus interface (SBI)
• 8-bit basic interval timer (watchdog timer applicable)
• Interrupt function
•
Three vectored interrupts (one external and two internal interrupts)
•
One external test input
• Clock output function (remote controller output applicable)
• Capable of specifying the incorporation of 16 pull-up resistors by software
APPLICATIONS
Electronic units for automobiles, and suchlike
ORDERING INFORMATION
Part number
Package
Quality grade
µPD75402AC(A)-×××
28-pin plastic DIP (600 mil)
Special
µPD75402ACT(A)-×××
28-pin plastic shrink DIP (400 mil)
Special
µPD75402AGB(A)-×××-3B4
44-pin plastic QFP (10
× 10 mm)
Special
Remark
××× indicates the ROM code number.
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
The information in this document is subject to change without notice.
Major changes in this revision are indicated by stars (
) in the margins.
Document No.
IC-2841B
(O.D.No.
IC-8273B)
Date Published November 1993 P
©
1990
©
1
NEC CORPORATION 1991


Similar Part No. - UPD75402ACT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75402ACT-XXX RENESAS-UPD75402ACT-XXX Datasheet
599Kb / 56P
MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD75402ACT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com