Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 29 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
RSSI
(dB)
„‟Peak -6dB‟‟ Threshold
„‟Floor‟‟ threshold defined by
MCParam_OOK_floor_thresh
Noise floor of
receiver
Time
Zoom
Decay in dB as defined in
RXPAram_OOK_thresh_step
Fixed 6dB difference
Period as defined in
RXParam_OOK_thresh_dec_period
Figure 22: OOK Demodulator Description
In peak threshold mode the comparison threshold level is the peak value of the RSSI, reduced by 6dB. In the
absence of an input signal or during the reception of a logical
“0”, the acquired peak value is decremented by one
RXPAram_OOK_thresh_step every RXParam_OOK_thresh_dec_period.
When the RSSI output is null for a long time (for instance after a long string
of “0” received, or if no transmitter is
present), the peak threshold level will continue falling until it reaches the
“Floor Threshold” that is programmed
through the register MCParam_OOK_floor_thresh.
The default settings of the OOK demodulator lead to the performance stated in the electrical specification.
However, in applications in which sudden signal drops are awaited during a reception, the three parameters shall
be optimized accordingly.
3.4.10.1. Optimizing the Floor Threshold
MCParam_OOK_floor_thres determines the sensitivity of the OOK receiver, as it sets the comparison threshold for
weak input signals (i.e. those close to the noise floor). Significant sensitivity improvements can be generated if
configured correctly.
Note that the noise floor of the receiver at the demodulator input depends on:
 The noise figure of the receiver.
 The gain of the receive chain from antenna to base band.
 The matching - including SAW filter.
 The bandwidth of the channel filters.
It is therefore important to note that the setting of MCParam_OOK_floor_thresh will be application dependant. The
following procedure is recommended to optimize MCParam_OOK_floor_thresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com