Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 55 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
uC
Table 23: Interrupt Mapping in Rx and Stby in Packet Mode
Rx_stby_irq_x
Rx
Stby
IRQ_0
00 (d)
Payload_ready
-
01
Write_byte
-
10
/Fifoempty
/Fifoempty
11
Sync or Adrs_match*
-
IRQ_1
00 (d)
CRC_OK
-
01
Fifofull
Fifofull
10
RSSI
-
11
Fifo_threshold
Fifo_threshold
*The latter if Address filtering is enabled
Tx
IRQ_0
Tx_start_irq_0=0 (d)
Fifo_threshold
Tx_start_irq_0=1
/Fifoempty
IRQ_1
Tx_irq_1=0 (d)
Fifofull
Tx_irq_1=1
Tx_done
Table 24: Interrupt Mapping in Tx Packet Mode
5.5.8. uC Connections
RF64
IRQ_0
IRQ_1
NSS_CONFIG
NSS_DATA
SCK
MOSI
MISO
Figure 48: uC Connections in Packet Mode
Note that depending upon the application, some uC connections may not be needed:
 IRQ_0: if none of the relevant IRQ sources are used. In this case, leave floating.
 IRQ_1: if none of the relevant IRQ sources are used. In this case, leave floating.
 MISO: if no read register access is needed and the chip is used in Tx mode only. In this case, pull up to VDD
through a 100 k
Ω resistor.
In addition, DATA pin (unused in packet mode) should be pulled-up to VDD through a 100 k
Ω resistor.
Please refer to Table 13 for the RF64
‟s pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com