Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 61 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Tx_irq_1
2
13
r/w
IRQ_1 source in Tx mode:
If Data_mode(1:0) = 00 (Continuous mode):
x =>DCLK
If Data_mode(1:0) = 01 (Buffered mode) or 1x (Packet mode):
0 => Fifofull (d)
1 => Tx_done
Fifofull
1
13
r
Fifofull IRQ source
Goes high when FIFO is full.
/Fifoempty
0
13
r
/Fifoempty IRQ source
Goes low when FIFO is empty
Fifo_fill_method
7
14
r/w
FIFO filling method (Buffered mode only):
0 =>Automatically starts when a sync word is detected (d)
1 =>Manually controlled by Fifo_fill
Fifo_fill
6
14
r/w/
c
FIFO filling status/control (Buffered mode only):
If Fifo_fill_method = „0‟: (d)
Goes high when FIFO is being filled (sync word has been detected)
W
riting „1‟ clears the bit and waits for a new sync word (if Fifo_overrun_clr=0)
If Fifo_fill_method = „1‟:
0 =>Stop filling the FIFO
1 =>Start filling the FIFO
Tx_done
5
14
r
Tx_done IRQ source
Goes high when the last bit has left the shift register.
Fifo_overrun_clr
4
13
r/w/
c
Goes high when an overrun error occurred.
Writing a 1 anytime clears flag (if set) and launches a new Rx or Tx process
Res
3
14
r/w
(d): “0”, should be set to “1”.
Note:
“0” disables the RSSI IRQ source. It can be left enabled at any time, and
the user can choose to map this interrupt to IRQ0/IRQ1 or not.
RSSI_irq
2
14
r/w/
c
RSSI IRQ source:
Goes high when a signal above RSSI_irq_thresh is detected
W
riting „1‟ clears the bit
PLL_locked
1
14
r/w/
c
PLL status:
0 =>not locked
1 =>locked
Writing a „1‟ clears the bit
PLL_lock_en
0
14
r/w
PLL_lock detect flag mapped to pin 23:
0 => Lock detect disabled, pin 23 is HI
1 =>Lock detect enabled(d)
RSSI_irq_thresh
7-0
15
RSSI threshold for interrupt (coded as RSSI)
(d): “00000000”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com