Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 33 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
4. Operating Modes
This section summarizes the settings for each operating mode of the RF64, and explains the functionality
available and the timing requirements for switching between modes.
4.1. Modes of Operation
Table 12: Operating Modes
Mode
MCParam_Chip_mode
Active blocks
Sleep
000
SPI, POR
Standby
001
SPI, POR, Top regulator, digital regulator, XO, CLKOUT (if activated through
OSCParam_Clkout)
FS
010
Same + VCO regulator, all PLL and LO generation blocks
Receive
011
Same as FS mode + LNA, first mixer, IF amplifier, second mixer set, channel
filters, baseband amplifiers and limiters, RSSI, OOK or FSK demodulator,
BitSync and all digital features if enabled
Transmit
100
Same as FS mode + DDS, Interpolation filters, all up-conversion mixers, PA
driver, PA and external VR_PA pin output for PA choke.
4.2. Digital Pin Configuration vs. Chip Mode
Table 13 describes the state of the digital IOs in each of the above described modes of operation.
Table 13: Pin Configuration vs. Chip Mode
Chip
……….Mode
Pin
Sleep
mode
Standby
mode
FS mode
Receive
mode
Transmit
mode
Comment
NSS_CONFIG
Input
Input
Input
Input
Input
NSS_CONFIG has the priority over
NSS_DATA
NSS_DATA
Input
Input
Input
Input
Input
MISO
Input
Input
Input
Input
Input
Output only if NSS_CONFIG or
NSSDATA=
‟0‟
MOSI
Input
Input
Input
Input
Input
SCK
Input
Input
Input
Input
Input
IRQ_0
High-Z
Output (1)
Output (1)
Output
Output
IRQ_1
High-Z
Output (1)
Output (1)
Output
Output
DATA
Input
Input
Input
Output
Input
CLKOUT
High-Z
Output
Output
Output
Output
Notes:
(1): High-Z if Continuous mode is activated, else Output
(2): Valid logic states must be applied to inputs at all times to avoid unwanted leakage currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com