Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 64 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.6. Transmitter Parameters - TXParam
The detailed description of the TXParam register is given in Table 31.
Table 31: TXParam Register Description
Name
Bits
Address (d)
RW
Description
InterpFilt
7-4
26
r/w
Tx Interpolation filter cut off frequency:
fc  200kHz.
F
xtal MHz .
1Val(InterpFiltTx)
12.8MHz
8
(d): “0111” => fC = 200 kHz
Pout
3-1
26
r/w
Tx output powe
r (1 step ≈ 3 dB):
000 => 12.5 dBm
001 => 12.5 dBm -1 step (d)
010 => 12.5 dBm
– 2 steps
011 => 12.5 dBm
– 3 steps
100 => 12.5 dBm
– 4 steps
101 => 12.5 dBm
– 5 steps
110 => 12.5 dBm
– 6 steps
111 => 12.5 dBm
– 7 steps
TX_zero_if
0
26
r/w
Set the transmitter in zero-if architecture in tx mode
0 -> normal operation (d)
1-> zero-if operation (first if is set to zero and frequency deviation is not
used)
6.7. Oscillator Parameters - OSCParam
The detailed description of the OSCParam register is given in Table 32.
Table 32: OSCParam Register Description
Name
Bits
Address
(d)
RW
Description
Clkout_on
7
27
r/w
Clkout control
0 => Disabled
1 => Enabled, Clk frequency set by Clkout_freq (d)
Clkout_freq
6-2
27
r/w
Frequency of the signal provided on CLKOUT:
fclkout  f xtal if Clkout_freq = “00000”
f xtal
fclkout 
otherwise
2 Clkout _ freq
(d): 01111 (= 427 kHz)
Res
1-0
27
r/w
Reserved
(d):
“00”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com