Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 39Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 40Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 41Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 38 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
1
2
3
4
5
6
7
8
 Read Byte (after/during Rx)
To read bytes from the FIFO the timing diagram below should be carefully followed by the uC.
1
2
3
4
5
6
7
8
NSS_DATA (In)
SCK (In)
MOSI (In)
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
1
st byte read
2
nd byte read
MISO (Out) HZ
D1(7)
D1(6) D1(5)
D1(4) D1(3)
D1(2) D1(1) D1(0)
HZ
D2(7) D2(6)
D2(5)
D2(4)
D2(3)
D2(2)
D2(1)
D2(0)
HZ
Figure 30: Read Bytes Sequence (ex: 2 bytes)
Note that it is compulsory to toggle NSS_DATA back high between each byte read.
5.2.2. FIFO
5.2.2.1. Overview and Shift Register (SR)
In Buffered and Packet modes of operation, both data to be transmitted and that has been received are stored in a
configurable FIFO (First In First Out) device. It is accessed via the SPI Data interface and provides several
interrupts for transfer management.
The FIFO is 1 byte (8 bits) wide hence it only performs byte (parallel) operations, whereas the demodulator
functions serially. A shift register is therefore employed to interface the two devices. In transmit mode it takes bytes
from the FIFO and outputs them serially (MSB first) at the programmed bit rate to the modulator. Similarly, in Rx the
shift register gets bit by bit data from the demodulator and writes them byte by byte to the FIFO. This is illustrated in
figure below.
byte1
byte0
FIFO
Data Tx/Rx
1
8
SR (8bits)
MSB
LSB
Figure 31: FIFO and Shift Register (SR)
5.2.2.2. Size Selection
The FIFO width is programmable, to 16, 32, 48 or 64 bytes via MCParam_Fifo_size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com