Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 60 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.3. Interrupt Configuration Parameters - IRQParam
The detailed description of the IRQParam register is given in Table 28.
Table 28: IRQParam Register Description
Name
Bits
Address
(d)
RW
Description
Fifo_size
7-6
12
r/w
Configures the size of the FIFO:
00 -> 16 bytes (d)
01 -> 32 bytes
10 -> 48 bytes
11 -> 64 bytes
Fifo_thresh
5-0
12
r/w
Number of bytes to be written in the FIFO to activate the
Fifo_threshold interrupts
Actual number of bytes = B + 1, where B is the value in the register.
(d): B = 001111 => Number of bytes = 16
Rx_stby_irq_0
7-6
13
r/w
IRQ_0 source in Rx and Standby modes:
If Data_mode(1:0) = 00 (Continuous mode):
00 => Sync (d)
01=> RSSI
10 => Sync
11=> Sync
If Data_mode(1:0) = 01 (Buffered mode):
00 => - (d)
01=> Write_byte
10=> /Fifoempty*
11 Sync
If Data_mode(1:0) = 1x (Packet mode):
00=> Payload_ready (d)
01 => Write_byte
10=> /Fifoempty*
11 => Sync or Adrs_match (the latter if address filtering is enabled)
*also available in Standby mode (Cf sections 5.4.4 and 5.5.7)
Rx_stby_irq_1
5-4
13
r/w
IRQ_1 source in Rx and Standby modes:
If Data_mode(1:0) = 00 (Continuous mode):
xx =>DCLK
If Data_mode(1:0) = 01 (Buffered mode):
00=> - (d)
01=> Fifofull*
10=> RSSI
11=> Fifo_threshold*
If Data_mode(1:0) = 1x (Packet mode):
00=> CRC_ok (d)
01=> Fifofull*
10 => RSSI
11=> Fifo_threshold*
*also available in Standby mode (Cf sections 5.4.4 and 5.5.7)
Tx_start_irq_0
3
13
r/w
Tx start condition and IRQ_0 source:
0 => Start transmission when the number of bytes in FIFO is greater than or
equal to the threshold set by MCParam_Fifo_thresh parameter (Cf section
5.2.2.3), IRQ_0 mapped to Fifo_threshold (d)
1 => Tx starts if FIFO is not empty, IRQ_0 mapped to /Fifoempty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com