Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 9 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Symbol
Description
Conditions
Min
Typ
Max
Unit
FR
Frequency ranges
Programmable ,
(may require specific BOM)
300
320
350
390
430
470
-
-
-
-
-
-
330
350
390
430
470
510
MHz
MHz
MHz
MHz
MHz
MHz
BR_F
Bit rate (FSK)
NRZ
0.78
-
150
Kb/s
BR_O
Bit rate (OOK)
NRZ
0.78
-
32
Kb/s
FDA
Frequency deviation (FSK)
33
50
200
kHz
XTAL
Crystal oscillator frequency
9
12.8
15
MHz
FSTEP
Frequency synthesizer
step
Variable, depending on the
frequency.
-
2
-
kHz
TS_OSC
Oscillator wake-up time
From Sleep mode
(1)
-
1.5
5
ms
TS_FS
Frequency synthesizer
wake-up time at most
10 kHz away from the
target
From Stby mode
-
500
800
µs
TS_HOP
Frequency synthesizer hop
time at most 10 kHz away
from the target
200 kHz step
-
180
-
µs
1 MHz step
-
200
-
µs
5 MHz step
-
250
-
µs
7 MHz step
-
260
-
µs
12 MHz step
-
290
-
µs
20 MHz step
-
320
-
µs
27 MHz step
-
340
-
µs
Symbol
Description
Conditions
Min
Typ
Max
Unit
RFOP
RF output power,
programmable with 8 steps
of typ. 3dB
Maximum power setting
-
+12.5
-
dBm
Minimum power setting
-
-8.5
-
dBm
PN
Phase noise
Measured with a 600 kHz
offset, at the transmitter
output.
-
-112
-
dBc/Hz
SPT
Transmitted spurious
At any offset between
200 kHz and 600 kHz,
unmodulated carrier, Fdev
= 50 kHz.
-
-
-47
dBc
TS_TR
(1)
Transmitter wake-up time
From FS to Tx ready.
-
120
500
µs
TS_TR2
(1)
Transmitter wake-up time
From Stby to Tx ready.
-
600
900
µs
2.4.2. Frequency Synthesis
Table 6: Frequency Synthesizer Specification
(1) Guaranteed by design and characterization
2.4.3. Transmitter
Table 7: Transmitter Specification
(1) Guaranteed by design and characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com