Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 63 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Name
Bits
Address (d)
RW
Description
OOK_Thresh
7-0
19
r/w
OOK fixed threshold or min threshold in peak mode. By default at 6dB.
(d): “00000100” assuming 0.5dB RSSI step.
RSSI_val
7-0
20
r
RSSI output, 0.5 dB / bit
Note: READ-ONLY (not to be written)
OOK_thresh_step
7-5
21
r/w
Size of each decrement of the RSSI threshold in the OOK demodulator
000 => 0.5 dB (d)
100 => 3.0 dB
001 => 1.0 dB
101 => 4.0 dB
010 => 1.5 dB
110 => 5.0 dB
011 => 2.0 dB
111 => 6.0 dB
OOK_thresh_dec
_period
4-2
21
r/w
Period of decrement of the RSSI threshold in the OOK demodulator:
000 => once in each chip period (d)
001 => once in 2 chip periods
010 => once in 4 chip periods
011 => once in 8 chip periods
100 => twice in each chip period
101 => 4 times in each chip period
110 => 8 times in each chip period
111 => 16 times in each chip period
OOK_avg_thresh
_cutoff
1-0
21
r/w
Cutoff frequency of the averaging for the average mode of the OOK
threshold in demodulator
00 => fC ≈ BR / 8.π (d)
01 => Reserved
10 => Reserved
11 => fC ≈ BR / 32.π
6.5. Sync Word Parameters - SYNCParam
The detailed description of the SYNCParam register is given in Table 30.
Table 30: SYNCParam Register Description
Name
Bits
Address (d)
RW
Description
Sync_value(31:24)
7-0
22
r/w
1
st Byte of Sync word
(d): “00000000”
Sync_value(23:16)
7-0
23
2
nd Byte of Sync word (only used if Sync_size ≠ 00)
(d): “00000000”
Sync_value(15:8)
7-0
24
3
rd Byte of Sync word (only used if Sync_size = 1x)
(d): “00000000”
Sync_value(7:0)
7-0
25
4
th Byte of Sync word (only used if Sync_size = 11)
(d): “00000000”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com