Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 35 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Config.
Registers
Table 14: Data Operation Mode Selection
MCParam_Data_mode
Data Operation Mode
00
Continuous
01
Buffered
1x
Packet
Each of these data operation modes is described fully in the following sections.
5.2. Control Block Description
5.2.1. SPI Interface
5.2.1.1. Overview
As illustrated in the Figure 26 below, the RF64
‟s SPI interface consists of two sub blocks:
 SPI Config: used in all data operation modes to read and write the configuration registers which control all the
parameters of the chip (operating mode, bit rate, etc...)
 SPI Data: used in Buffered and Packet mode to write and read data bytes to and from the FIFO. (FIFO
interrupts can be used to manage the FIFO content.)
RF64
Config.
Registers
FIFO
SPI
CONFIG
(slave)
SPI
DATA
(slave)
NSS_CONFIG
MOSI
MISO
SCK
NSS_DATA
NSS_CONFIG
MOSI
MISO SCK
NSS_DATA
µC
(master)
Figure 26: SPI Interface Overview and uC Connections
Both interfaces are configured in slave mode whilst the uC is configured as the master. They have separate
selection pins (NSS_CONFIG and NSS_DATA) but share the remaining pins:
SCK (SPI Clock): clock signal provided by the uC
MOSI (Master Out Slave In): data input signal provided by the uC
MISO (Master In Slave Out): data output signal provided by the RF64
As described below, only one interface can be selected at a time with NSS_CONFIG having the priority:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com