Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RF64 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 5 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
This product datasheet contains a detailed description of the RF64 performance and functionality.
1. General Description
The RF64 is a single chip FSK and OOK transceiver capable of operation in the 300 to 510MHz license free ISM
frequency bands. It complies with both the relevant European and North American standards, EN 300-220 V2.1.1
(June 2006 release) and FCC Part 15 (10-1-2006 edition). A unique feature of this circuit is its extremely low
current consumption in receiver mode of only 3mA (typ).
The RF64 comes in a 5x5 mm TQFN-32 package.
1.1. Simplified Block Diagram
Figure 1: RF64 Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com