Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RF64 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
General Description
The RF64 is a low cost single-chip transceiver
operating in the frequency ranges from 300MHz to
510MHz. The RF64 is optimized for very low power
consumption (3mA in receiver mode). It incorporates a
baseband modem with data rates up to 150 kb/s. Data
handling features include a sixty-four byte FIFO,
packet handling, automatic CRC generation and data
whitening. Its highly integrated architecture allows for
minimum external component count whilst maintaining
design
flexibility.
All
major
RF
communication
parameters are programmable and most of them may
be dynamically set. It complies with European (ETSI
EN 300-220 V2.1.1) and North American (FCC part
15.247 and 15.249) regulatory standards.
Ordering Information
Table 1: Ordering Information
Part number
Delivery
Minimum Order
Quantity / Multiple
RF64
Tape & Reel
3000 pieces
TQFN-32 package
– Operating range [-40;+85°C]
Trefers to Lead Free packaging
This device is WEEE and RoHS compliant
Application Circuit Schematic
Features
 Low Rx power consumption: 3mA
 Low Tx power consumption: 25 mA @ +10 dBm
 Good reception sensitivity: down to -104 dBm at
25 kb/s in FSK, -110 dBm at 2kb/s in OOK
 Programmable RF output power: up to +12.5 dBm
in 8 steps
 Packet handling feature with data whitening and
automatic CRC generation
 RSSI (Received Signal Strength Indicator)
 Bit rates up to 150 kb/s, NRZ coding
 On-chip frequency synthesizer
 FSK and OOK modulation
 Incoming sync word recognition
 Built-in Bit-Synchronizer for incoming data and
clock synchronization and recovery
 5 x 5 mm TQFN package
 Optimized
Circuit
Configuration
for
Low-cost
applications
Applications
Wireless alarm and security systems
Wireless sensor networks
Automated Meter Reading
Home and building automation
Industrial monitoring and control
Remote Wireless Control
Active RFID PHY
Ultra-Low Power Integrated 300-510MHz Transceiver
Page 1 of 76


Similar Part No. - RF64

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF64W HOPE-RF64W Datasheet
2Mb / 76P
Ultra-Low Power Integrated 300-510MHz Transceiver
More results

Similar Description - RF64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2035 SIEMENS-PEB2035 Datasheet
521Kb / 134P
ICs for Communications (Advanced CMOS Frame Aligner)
logo
Systemsensor advanced i...
2251-COPTIR SYSTEMSENSOR-2251-COPTIR Datasheet
777Kb / 2P
Advanced Multi-Criteria Fire Detector with four unique sensing elements
logo
Semtech Corporation
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
SX1509BIULTRT SEMTECH-SX1509BIULTRT Datasheet
1Mb / 37P
ADVANCED COMMUNICATIONS & SENSING
logo
List of Unclassifed Man...
IQS316 ETC2-IQS316 Datasheet
985Kb / 26P
Multi-channel Capacitive Sensing Controller with Advanced Signal Processing Functions
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
The device features advanced digital Ambient Light Sensing
logo
Gamewell-FCI by Honeywe...
MCS-4-WARN GAMEWELL-FCI-MCS-4-WARN Datasheet
64Kb / 2P
Advanced Multi-Criteria Detector with Four Unique Sensing Elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com