Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 65 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.8. Packet Handling Parameters
– PKTParam
The detailed description of the PKTParam register is given in Table 33.
Table 33: PKTParam Register Description
Name
Bits
Address
(d)
RW
Description
Manchester_on
7
28
r/w
Enable Manchester encoding/decoding:
0 => off (d)
1 => on
Payload_length
6-0
28
r/w
If Pkt_format=0, payload length.
If Pkt_format=1, max length in Rx, not used in Tx.
(d): “0000000”
Node_adrs
7-0
29
r/w
Node
‟s local address for filtering of received packets.
(d): 00h
Pkt_format
7
30
r/w
Packet format:
0 => fixed length (d)
1 => variable length
Preamble_size
6-5
30
r/w
Size of the preamble to be transmitted:
00 => 1 byte
01 => 2 bytes
10 => 3 bytes (d)
11 => 4 bytes
Whitening_on
4
30
r/w
Whitening/dewhitening process:
0 => off (d)
1 => on
CRC_on
3
30
r/w
CRC calculation/check:
0 => off
1 => on (d)
Adrs_filt
2-1
30
r/w
Address filtering of received packets:
00 => off (d)
01 => Node_adrs accepted, else rejected.
10 => Node_adrs & 0x00 accepted, else rejected.
11 => Node_adrs & 0x00 & 0xFF accepted, else rejected.
CRC_status
0
30
r
CRC check result for current packet (READ ONLY):
0 => Fail
1 => Pass
CRC_autoclr
7
31
r/w
FIFO auto clear if CRC failed for current packet:
0=> on (d)
1=> off
Fifo_stby_access
6
31
r/w
FIFO access in standby mode:
0=> Write (d)
1=> Read
Res
5-0
31
r/w
Reserved
(d): “000000”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com