Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
12 -
2.4. Temperature Compensation
The TH02 relative humidity sensor is calibrated at a temperature of 30 °C; it is at this temperature that the sensor
will give the most accurate relative humidity readings. For relative humidity measurements at other temperatures,
the RH reading from the TH02 must be compensated for the change in temperature relative to 30 °C.
Temperature compensated relative humidity readings can be calculated as follows:
RHTempCompensated = RHLinear + (Temperature – 30) × (RHLinear × Q1 + Q0)
Where:
RHTempCompensated is the temperature compensated relative humidity value in %RH.
RHLinear is the linear corrected relative humidity value in %RH.
Temperature is the ambient temperature in °C as measured by the TH02 on chip temperature sensor.
Q1 and Q0 are unit-less correction coefficients derived through characterization of TH02s
This temperature compensation is most accurate in the range of 15–50 °C. The values for the correction
coefficients are shown in Table 9.
Table 9. Linearization Coefficients
Coefficient
Value
Q0
0.1973
Q1
0.00237
2.5. Hysteresis
The moisture absorbent film (polymeric dielectric) of the humidity sensor will carry a memory of its exposure
history, particularly its recent or extreme exposure history. A sensor exposed to relatively low humidity will carry a
negative offset relative to the factory calibration, and a sensor exposed to relatively high humidity will carry a
positive offset relative to the factory calibration. This factor causes a hysteresis effect illustrated by the top and
bottom (blue) traces in Figure 7. The hysteresis value is the difference in %RH between the maximum absolute
error on the decreasing humidity ramp and the maximum absolute error on the increasing humidity ramp at a single
relative humidity Setpoint and is expressed as a bipolar quantity relative to the average, the center (red) trace in
Figure 7. In the case of Figure 7, the measurement uncertainty due to the hysteresis effect is ±1.05%RH.
2.6. Prolonged Exposure to High Humidity
Prolonged exposure to high humidity will result in a gradual upward drift of the RH reading. The shift in sensor
reading resulting from this drift will generally disappear slowly under normal ambient conditions. The amount of
shift is proportional to the magnitude of relative humidity and the length of exposure. In the case of lengthy
exposure to high humidity, some of the resulting shift may persist indefinitely under typical conditions. It is generally
possible to substantially reverse this affect by baking the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com