Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TH02 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
4 -
1. Electrical Specifications
Unless otherwise specified, all min/max specifications apply over the recommended operating conditions.
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power Supply
VDD
2.1
3.3
3.6
V
Operating Temperature
TA
G grade
–40
—
85
°C
Operating Temperature
TA
F grade
0
—
70
°C
Table 2. General Specifications
2.1
≤ VDD ≤ 3.6 V; TA = 0 to 70 °C (F grade) or –40 to 85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage High
VIH
SCL, SDA pins
0.7xVDD
—
—
V
Input Voltage Low
VIL
SCL, SDA pins
—
—
0.3xVDD
V
Input Voltage Range
VIN
SCL, SDA pins with respect
to GND
0.0
—
3.6
V
Input Leakage
IIL
SCL, SDA pins
—
—
±1
µA
SDA pin; IOL = 8.5 mA;
VDD = 3.3 V
—
—
0.6
V
Output Voltage Low
VOL
SDA pin; IOL = 3.5 mA;
VDD = 2.1 V
—
—
0.4
V
Notes:
1.
SDA and SCL pins have an internal 75 k
Ω pull-up resistor to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com