Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
10 -
The RH accuracy is defined as the center (red) line shown in Figure 2, which is the average of the two data points
at each relative humidity set-point. In this case, the sensor shows an accuracy of 0.25%RH. The TH02 accuracy
specification includes:
Unit-to-unit and lot-to-lot variation in non-linearity compensation
Accuracy of factory calibration
Margin for shifts that can occur during solder reflow (compensation for shift due to reflow is included in the
linearization procedure below).The accuracy specification does not include:
Hysteresis (typically ±1%)
Effects from long term exposure to very humid conditions
Contamination of the sensor by particulates, chemicals, etc.
Other aging related shifts ("Long-term stability")
Variations due to temperature. After application of temperature compensation, RH readings will typically
vary by less than ±0.05%/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com