Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
8 -
Notes:
1.
The TH02 has a nominal output of 32 codes /°C, with 0000 = –50 °C
2.
Temperature sensor accuracy is for VDD = 2.3 to 3.6 V.
3.
Actual response times will vary dependent on system thermal mass and air-flow.
Table 7. Absolute Maximum Ratings1,2
Parameter
Symbol
Test
Condition
Min
Typ
Max
Unit
Ambient Temperature under Bias
–55
—
125
°C
Storage Temperature
–65
—
150
°C
Voltage on SDA or SCL pin with respect
to GND
–0.3
—
3.9
V
Voltage on VDD with respect to GND
–0.3
—
4.2
V
Notes:
1.
Absolute maximum ratings are stress ratings only; operation at or beyond these conditions is not implied and may
shorten the life of the device or alter its performance.
2.
For best accuracy, after removal from the sealed shipping bags, the TH02 should be stored in climate controlled
conditions (10 to 35 °C, 20 to 60 %RH). Exposure to high temperature and/or high humidity environments can cause a
small upwards shift in RH readings.
2. Functional Description
2.1. Overview
The TH02 is a digital relative humidity and temperature sensor. This monolithic CMOS IC integrates temperature
and humidity sensor elements, an analog-to-digital converter, signal processing, calibration data, and an I2C host
interface. Both the temperature and humidity sensors on each unit are factory-calibrated and the calibration data is
stored in the on-chip non-volatile memory. This ensures that the sensors are fully interchangeable, with no
recalibration or software changes required.
While the TH02 is largely a conventional mixed-signal CMOS integrated circuit, relative humidity sensors in
general and those based on capacitive sensing using polymeric dielectric have unique application and use
requirements that are not common to conventional (non-sensor) ICs. Chief among those are:
The need to protect the sensor during board assembly, i.e., solder reflow, and the need to subsequently
rehydrate the sensor.
The need to protect the sensor from damage or contamination during the product life-cycle
The impact of prolonged exposure to extremes of temperature and/or humidity and their potential affect on
sensor accuracy
The effects of humidity sensor "memory"
The need to apply temperature correction and linearization to the humidity readings
Each of these items is discussed in more detail in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com