Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 22Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 23Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 24Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
21 -
4 . TH02 Connection Diagrams
The TH02 is a simple-to-use device requiring a minimum of external components. Figure 2 shows the typical
connection diagram for the TH02 connected to an MCU. The values for the two I2C pull-up resistors depend on the
capacitance of the I2C bus lines and the desired speed of operation.
For ultra-low-power operation, such as in battery-powered applications. In this case, the TH02 is powered from
one of the MCU’s GPIOs. The GPIO can be driven high to powerup the TH02, once the measurement results are
obtained, the GPIO can be driven low to power-down the TH02, reducing its current consumption to zero. The GPIO
must be capable of sourcing 320 µA for the duration of the conversion time (<200 ms for relative humidity and
temperature conversions) and up to 40 mA for a period of
5 ms at power-up. The GPIO must also be capable of sinking up to 40 mA for a period of 5 ms at powerdown. If the
GPIO is not capable of sourcing/sinking 40 mA, then the TH02 will take longer to powerup and powerdown.
Figure 2. Recommended Connection Diagram for Low-Power Battery Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com