Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 22Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
19 -
3.2. I2C Operation
The TH02 uses a digital I2C interface. If the TH02 shares an I2C bus with other slave devices, it should be
powered down when the master controller is communicating with the other slave devices.
The format of the address byte is shown in Table 16.
Table 16. I2C Slave Address Byte
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
0
1/0
3.2.1. I2C Write Operation
To write to a register on the TH02, the master should issue a start command (S) followed by the slave address,
0x40. The slave address is followed by a 0 to indicate that the operation is a write. Upon recognizing its slave
address, the TH02 issues an acknowledge (A) by pulling the SDA line low for the high duration of the ninth SCL
cycle. The next byte the master places on the bus is the register address pointer, selecting the register on the
TH02 to which the data should be transferred. After the TH02 acknowledges this byte, the master places a data
byte on the bus. This byte will be written to the register selected by the address pointer. The TH02 will
acknowledge the data byte, after which the master issues a Stop command (P). See Table 17.
Master  Slave 
 
 
Table 17. I2C Write Sequence
Sequence to Write to a Register
S
Slave Address
W
A
Address Pointer
A
Register Data
A
P
Sequence to Start a Relative Humidity Conversion
S
0x40
0
A
0x03
A
0x01
A
P
Sequence to Start a Temperature Conversion
S
0x40
0
A
0x03
A
0x11
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com