Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
15 -
⎝--------
3. Host Interface
3.1. I2C Interface
The TH02 has an I2C serial interface with a 7-bit address of 0x40. The TH02 is a slave device supporting data
transfer rates up to 400 kHz. Table 24 shows the register summary of the TH02.
3.1.1. Performing a Relative Humidity Measurement
The following steps should be performed in sequence to take a relative humidity measurement:
1. Set START (D0) in CONFIG to begin a new conversion
2. Poll RDY (D0) in STATUS (register 0) until it is low (= 0)
3. Read the upper and lower bytes of the RH value from DATAh and DATAl (registers 0x01 and 0x02),
respectively. Table 10 shows the format of the 12-bit relative humidity result.
4. Convert the RH value to %RH using the following equation:
%RH = ⎛
RH⎞
– 24
16 ⎠
where RH is the measured value returned in DATAh:DATAI
5. Apply temperature compensation and/or linearization as discussed elsewhere in this data sheet
Table 11 shows the 12-bit values that correspond to various measured RH levels.
Table 10. 12-Bit Relative Humidity Result Available in Registers 1 and 2
DATAh
DATAI
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
12-Bit Relative Humidity Code
0
0
0
0
Table 11. Typical %RH Measurement Codes for 0 to 100% RH Range
12 Bit Code
%RH
Dec
Hex
0
384
180
10
544
220
20
704
2C0
30
864
360
40
1024
400
50
1184
4A0
60
1344
540
70
1504
5E0
80
1664
680
90
1824
720
100
1984
7C0
The above sequence assumes normal mode, i.e., tCONV = 35 ms (typical). Conversions may be performed in fast
mode. See section “5.1.3. Fast Conversion Mode”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com