Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
6 -
Table 4. I2C Interface Specifications*
2.1
≤ VDD ≤ 3.6 V; TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Hysteresis
VHYS
High-to-low versus low-to-
high transition
0.05 x VDD
—
—
V
SCLK Frequency
fSCL
—
—
400
kHz
SCL high time
tSKH
0.6
—
—
µs
SCL low time
tSKL
1.3
—
—
µs
Start hold time
tSTH
0.6
—
—
µs
Start setup time
tSTS
0.6
—
—
µs
Stop setup time
tSPS
0.6
—
—
µs
Bus free time
tBUF
Between Stop and Start
1.3
—
—
µs
SDA setup time
tDS
100
—
—
ns
SDA hold time
tDH
100
—
—
ns
SDA valid time
tVD;DAT From SCL low to data valid
—
—
0.9
µs
SDA acknowledge valid time
tVD;ACK From SCL low to data valid
—
—
0.9
µs
*Note:
All values are referenced to VIL and/or VIH.
SCL
fSCL
tSKH
tSKL
tBUF
tSTH
tDS
tDH
tSPS
SDA
D7
D6
D5
D4
D3
D0
Start Bit
Stop Bit
tSTS
tVD : DAT
Figure 1. I2C Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com