Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
7 -
Table 5. Humidity Sensor
2.1
≤ VDD ≤ 3.6 V; TA = 25 °C; tCONV = 35 ms unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Range1
Non-condensing
0
—
100
%RH
Resolution2
—
—
12
bit
20–80% RH
—
±3.0
—
Accuracy3,4
0–100% RH
See Figure 2
%RH
Repeatability—Noise
—
0.05
—
%RH
RMS
Response Time5
τ 63%
1 m/s airflow
—
8
—
s
Hysteresis
—
±1
—
%RH
Long Term Stability4
—
≤0.25
—
%RH/yr
Notes:
1.
Recommended humidity operating range is 20 to 80% RH (non-condensing) over 0 to 60 °C. Prolonged operation
beyond these ranges may result in a shift of sensor reading, with slow recovery time.
2.
The TH02 has a nominal output of 16 codes per %RH, with 0h0000 = –24%RH.
3.
Excludes hysteresis, long term drift, and certain other factors and is applicable to non-condensing environments only.
See section “4.2. Relative Humidity Sensor Accuracy” for more details.
4.
May be impacted by dust, vaporized solvents or other contaminants, e.g., out-gassing tapes, adhesives, packaging
materials, etc. See section “4.10. Long Term Drift/Aging”.
5.
Time for sensor output to reach 63% of its final value after a step change.
 
Table 6. Temperature Sensor
2.1
≤ VDD ≤ 3.6 V; TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade); tCONV = 35 ms unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Range
–40
—
85
°C
—
—
14
Bit
Resolution1
—
—
1/32
°C
Typical at 25 °C
—
±0.5
—
°C
Accuracy2
Maximum
See Figure 3.
°C
Repeatability—Noise
—
0.1
—
°C
RMS
Response Time3
Time to reach 63% of final value
—
1.5
—
s
Long Term Stability
—
<0.05
—
°C/yr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com