Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TH02 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
5 -
Table 3. General Specifications (Continued)
2.1
≤ VDD ≤ 3.6 V; TA = 0 to 70 °C (F grade) or –40 to 85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
RH conversion in progress
—
240
560
µA
Temperature conversion in
progress
—
320
565
µA
Average for 1 temperature
and 1 RH conversion /
minute
—
1
—
µA
Power Consumption
IDD
No conversion in progress;
VDD = 3.3 V;
SDA = SCL ≥ VIH
—
150
—
µA
14-bit temperature; 12-bit RH
(Fast = 0)
35
40
Conversion Time
tCONV
13-bit temperature; 11-bit RH
(Fast = 1)
18
21
ms
Power Up Time
tPU
From VDD ≥ 2.1V to ready for
a temp/RH conversion
10
15
ms
Notes:
1.
SDA and SCL pins have an internal 75 k
Ω pull-up resistor to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com