Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
18 -
3.1.3. Fast Conversion Mode
The time needed to perform a temperature or RH measurement can be reduced from 35 ms (typical) to 18 ms
(typical) by setting FAST (D5) in CONFIG (register 0x03). Fast mode reduces the total power consumed during a
conversion or the average power consumed by the TH02 when making periodic conversions. It also reduces the
resolution of the measurements. Table 14 is a comparison of the normal and fast modes.
Table 14. Normal vs. Fast Mode
Value
Parameter
Normal Mode
Fast Mode
tCONV (typical)
35 ms
18 ms
Temperature resolution
14-bit
13-bit
RH resolution
12-bit
11-bit
3.1.4. Heater
The TH02 relative humidity sensor contains an integrated, resistive heating element that may be used to raise the
temperature of the humidity sensor. This element can be used to drive off condensation or to implement dew-point
measurement when the TH02 is used in conjunction with a separate temperature sensor such as another TH02.
The heater can be activated by setting HEAT (D1) in CONFIG (register 0x03). Turning on the heater will reduce the
tendency of the humidity sensor to accumulate an offset due to "memory" of sustained high humidity conditions.
When the heater is enabled, the reading of the on-chip temperature sensor will be affected (increased).
3.1.5. Device Identification
The TH02 device and its revision level can be determined by reading ID (register 0x11). Table 15 lists the values
for the various device revisions and may include revisions not yet in existence.
Table 15. Revision Values
Device ID Value
D[7:4]
D[3:0]
Device
Type
Revision
Level
0101
0000
TH02
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com