Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TH02 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
2 -
D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
Features
Relative Humidity Sensor
I2C host interface
± 4.5 % RH (maximum @ 20–80% RH)
Integrated on-chip heater
Temperature Sensor
±0.5 ºC accuracy (typical)
Excellent long term stability
 
±1 ºC accuracy (maximum @ 0 to 70 °C)
0 to 100% RH operating range
–40 to +85 ºC (GM) or 0 to +70 ºC
operating range (FM)
Wide operating voltage range (2.1 to
3.6 V)
Low Power Consumption
240 µA during RH conversion
Applications
Factory calibrated
Optional factory-installed
cover
Low-profile
Protection during reflow
Excludes liquids and
particulates
(hydrophobic/oleophobic)
Ordering Information
See Ordering Guide.
Patent protected; patents pending
Industrial HVAC/R
Thermostats/humidistats
Respiratory therapy
White goods
Description
Micro-environments/data centers
Automotive climate control and
de-fogging
Asset and goods tracking
The TH02 is a digital relative humidity and temperature sensor. This
monolithic CMOS IC integrates temperature and humidity sensor
elements, an analog-to-digital converter, signal processing, calibration
data, and an I2C host interface. The patented use of industry-standard,
low-K polymeric dielectrics for sensing humidity enables the construction
of a low-power, monolithic CMOS sensor IC with low drift and hysteresis
and excellent long term stability.
Both the temperature and humidity sensors are factory-calibrated and the
calibration data is stored in the on-chip non-volatile memory. This ensures
that the sensors are fully interchangeable, with no recalibration or
software changes required.
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com