Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH02 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 22Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 23Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 24Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 25Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
24 -
Register 3. CONFIG
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Name
FAST
TEMP
HEAT
START
Type
R/W
R/W
R/W
Reset Settings = 0000_0000
Bit
Name
Function
7:6
Reserved Reserved. Reads undefined. Always write as zero.
5
FAST
Fast Mode Enable
.
0
= 35ms (typical)
1 = 18ms (typical)
4
TEMP
Temperature Enable
.
0
= Relative humidity
1 = Temperature
3:2
Reserved Reserved. Reads undefined. Always write as zero.
1
HEAT
Heater Enable
.
0
= heater off
1 = heater on
0
START
Conversion Start
.
0
= do not start a conversion
1 = start a conversion
Register 17. ID
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Name
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Type
R
R
R
R
R
R
R
R
Reset Settings = 0101_0000
Bit
Name
Function
7:0
ID
Identification
.
See section “5.1.5. Device Identification”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com