Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 14 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 14 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 10Page - Micro Linear Corporation ML2111CIP Datasheet HTML 11Page - Micro Linear Corporation ML2111CIP Datasheet HTML 12Page - Micro Linear Corporation ML2111CIP Datasheet HTML 13Page - Micro Linear Corporation ML2111CIP Datasheet HTML 14Page - Micro Linear Corporation ML2111CIP Datasheet HTML 15Page - Micro Linear Corporation ML2111CIP Datasheet HTML 16Page - Micro Linear Corporation ML2111CIP Datasheet HTML 17Page - Micro Linear Corporation ML2111CIP Datasheet HTML 18Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ML2111
14
4. Notch function: available at N/AP/HPA and N/AP/HPB
for several modes of operation.
Gs
H
s
s
s
Q
ON
n
()
=™
+
+
™



 +
2
2
2
20
0
2
w
w
w
49
(4)
HON2 = Gain of the notch output for f ® fCLK/2.
HON1 = Gain of the HP output for f ® 0
fn = wn/2p. The frequency of the notch occurrence is
fn.
5. Allpass function: available at N/AP/HPA and N/AP/
HPB for modes 4 and 4a.
Gs
H
s
s
Q
s
s
Q
OAP
()
=™
-
™
+
+
™
+
20
0
2
2
0
0
2
w
w
w
w
(5)
HOAP = Gain of the allpass output for 0 < f < fCLK/2
For allpass functions, the center frequency and the Q of
the numerator complex zero pair is the same as the
denominator. Under these conditions the magnitude
response is a straight line. In mode 5, the center
frequency fZ of the numerator complex zero pair is
different than f0. For high numerator Q's, the
magnitude response will have a notch at fZ.
FILTER FUNCTION DEFINITIONS
LP
V+
SA/B
6
15
1 (20)
R3
R2
4 (17)
VIN
+
Σ
BP1
S1A
5 (16)
BP2
3 (18)
2 (19)
+
Σ
BP
LP
VIN
S1A
V+
R1
SA/B
6
15
5 (16)
N
3 (18)
2 (19)
1 (20)
R3
R2
4 (17)
½ ML2111
½ ML2111
Figure 15. Mode 1: 2nd Order Filter Providing Notch,
Bandpass, Lowpass
Figure 16. Mode 1a: 2nd Order Filter Providing
Bandpass, Lowpass
f
f
ff H
R2
R
H
R3
R
CLK
nOLP
OBP
00
100 50
1
1
=
=
=-
=-
()
;;
;
;
H
R2
R
Q
R3
R2
ON1
1
=-
=
;
f
f
Q
R3
R2
H
R3
R2
CLK
OBP
01
100 50
==
= -
()
;;
;
H
non inverting H
OBP
OLP
2
11
=-
= -
();
OPERATION MODES
There are three basic modes of operation — Modes 1, 2,
and 3 , each of which has derivatives; and four secondary
modes of operation — Modes 4, 5, 6, and 7, each of
which also has derivatives.
In Figure 15, the input amplifier is outside the resonant
loop. Because of this, mode 1 and its derivatives (modes
1a, 1b, 1c, and 1d) are faster than modes 2 and 3.
Mode 1 provides a clock tunable notch. It is a practical
configuration for second order clock tunable bandpass/
notch filters. In mode 1, a band pass output with a very
high Q, together with unity gain can be obtained with the
dynamics of the remaining notch and lowpass outputs.
Mode 1a (Figure 16) represents the simplest hookup of the
ML2111. It is useful when voltage gain at the bandpass
output is required. However, the bandpass voltage gain is
equal to the value of Q, and second order, clock tunable,
BP resonator can be achieved with only 2 resistors. The
filter center frequency directly depends on the external
clock frequency. Mode 1a is not practical for high order
filters as it requires several clock frequencies to tune the
overall filter response.
Modes 1b and 1c, Figures 17 and 18, are similar. They
both produce a notch with a frequency which is always
equal to the filter center frequency. The notch and the
center frequency can be adjusted with an external resistor
ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com