Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 18 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 18 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 14Page - Micro Linear Corporation ML2111CIP Datasheet HTML 15Page - Micro Linear Corporation ML2111CIP Datasheet HTML 16Page - Micro Linear Corporation ML2111CIP Datasheet HTML 17Page - Micro Linear Corporation ML2111CIP Datasheet HTML 18Page - Micro Linear Corporation ML2111CIP Datasheet HTML 19Page - Micro Linear Corporation ML2111CIP Datasheet HTML 20Page - Micro Linear Corporation ML2111CIP Datasheet HTML 21Page - Micro Linear Corporation ML2111CIP Datasheet HTML 22Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ML2111
18
OPERATION MODES (Continued)
The clock to center frequency ratio range is:
500
1
100
1
50
1
0
˜˜
f
f
or
CLK
(mode 1c)
(6)
100
1
50
1
100
2
50
2
0
or
f
f
or
CLK
˜˜
(mode 1b)
(7)
The input impedance of the S1 pin is clock dependent,
and in general R5 should not be larger than 5k
W for fCLK <
2.5MHz and 2k
W for fCLK > 2.5MHz. Mode 1c can be
used to increase the clock-to-center-frequency ratio
beyond 100:1. The limit for the (fCLK/f0) ratio is 500:1 for
this mode. The filter will exhibit large output offsets with
larger ratios. Mode 1d (Figure 19) is the fastest mode of
operation: center frequencies beyond 20kHz can easily
be achieved at a 50:1 ratio.
Modes 2, 2a, and 2b (Figures 20, 21, and 22) have notch
outputs whose frequency, fn, can be tuned independently
from the center frequency, f0. However, for all cases fn <
f0. These modes are useful when cascading second order
functions to create an overall elliptic highpass, bandpass
or notch response. The input amplifier and its feedback
resistors R2 and R4 are now part of the resonant loop.
Because of this, mode 2 and its derivatives are slower
than mode 1 and its derivatives.
In Mode 3 (Figure 23) a single resistor ratio, R2/R4, can
tune the center frequency below or above the fCLK/100 (or
fCLK/50) ratio. Mode 3 is a state variable configuration
since it provides a highpass, bandpass, lowpass output
through progressive integration. Notches are acquired by
summing the highpass and lowpass outputs (mode 3a,
Figure 24). The notch frequency can be tuned below or
Figure 24. Mode 3a: 2nd Order Filter Providing Highpass, Bandpass, Lowpass, Notch — ½ ML2111
f
f
R2
R
Q
R3
R2
R2
R
CLK
0
100 50
4
4
=™
=
™
()
;;
H
R2
R
H
R
R
H
R3
R
OHP
OLP
OBP
=-
=-
= -
1
4
11
;;
Figure 23. Mode 3: 2nd Order Filter Providing Highpass, Bandpass, Lowpass — ½ ML2111
LP
VIN
V-
R1
SA/B
6
15
1 (20)
R3
R2
4 (17)
R4
+
Σ
BP
S1A
5 (16)
HP
3 (18)
2 (19)
Q
R2
R
R3
R2
=™
4
f
f
R2
R
f
f
R
R
CLK
n
CLK
h
l
0
100 50
4
100 50
=™
=™
()
;
()
;
H
R2
R
H
R3
R
H
R
R
OHP
OBP
OLP
= -
=-
=-
11
4
1
;;
;
Hf
f
Q
R
R
H
R
R
H
ON
g
l
OLP
g
h
OHP
==
™
™
-
™




0
16
;
Hf
f
R
R
R2
R
ON
CLK
g
h
2
21
“



 =™ ;
Hf
R
R
R
R
ON
g
l
1
0
4
1
“=
™
16
LP
VIN
V-
R1
SA/B
6
15
1 (20)
R3
R2
4 (17)
R4
+
Σ
BP
S1A
5 (16)
HP
3 (18)
2 (19)
Rh
Rg
Rl
External
Op Amp
NOTCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com