Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 4Page - Micro Linear Corporation ML2111CIP Datasheet HTML 5Page - Micro Linear Corporation ML2111CIP Datasheet HTML 6Page - Micro Linear Corporation ML2111CIP Datasheet HTML 7Page - Micro Linear Corporation ML2111CIP Datasheet HTML 8Page - Micro Linear Corporation ML2111CIP Datasheet HTML 9Page - Micro Linear Corporation ML2111CIP Datasheet HTML 10Page - Micro Linear Corporation ML2111CIP Datasheet HTML 11Page - Micro Linear Corporation ML2111CIP Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ML2111
8
Figure 2G. Q Error vs. fCLK (50:1, VS = ±2.5V)
TYPICAL PERFORMANCE CURVES (Continued)
Figure 2F. Q Error vs. fCLK (100:1, VS = ±5V)
Figure 2E. Q Error vs. fCLK (50:1, VS = ±5V)
Q = 50
Q = 20
Q = 10
Q = 5
Mode 1
TA = 25ºC
VIN = 0.707VRMS
20
16
12
8
4
0
–4
–8
fCLK (MHz)
04
8
10
26
Mode 1
Q = 10
VIN = 0.707VRMS
TA = 85ºC
TA = 25ºC
20
16
12
8
4
0
–4
fCLK (MHz)
04
8
10
26
Q = 50
Q = 20
Q = 10
Q = 5
Mode 1
TA = 25ºC
VIN = 0.707VRMS
20
15
10
5
0
–5
–10
–15
fCLK (MHz)
04
8
10
26
Mode 1
Q = 10
VIN = 0.707VRMS
TA = 85ºC
TA = 25ºC
20
16
12
8
4
0
–4
fCLK (MHz)
04
8
10
26
Q = 50
Q = 20
Q = 10
Q = 5
Mode 1
TA = 25ºC
VIN = 0.5VRMS
fCLK (MHz)
10
5
0
–5
–10
–15
–20
02
7
5
13
6
4
Mode 1
Q = 10
VIN = 0.5VRMS
TA = 85ºC
TA = 25ºC
fCLK (MHz)
8
4
0
–4
–8
02
7
5
13
6
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com