Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 7Page - Micro Linear Corporation ML2111CIP Datasheet HTML 8Page - Micro Linear Corporation ML2111CIP Datasheet HTML 9Page - Micro Linear Corporation ML2111CIP Datasheet HTML 10Page - Micro Linear Corporation ML2111CIP Datasheet HTML 11Page - Micro Linear Corporation ML2111CIP Datasheet HTML 12Page - Micro Linear Corporation ML2111CIP Datasheet HTML 13Page - Micro Linear Corporation ML2111CIP Datasheet HTML 14Page - Micro Linear Corporation ML2111CIP Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ML2111
11
TYPICAL PERFORMANCE CURVES (Continued)
Figure 7A. Noise Spectrum Density (Q = 1)
Mode 1
50:1
R1 = R2 = R3 = 2k
Ω
BANDPASS OUTPUT
VS = ±5V
f0 = 100kHz
fCLK = 5MHz
Frequency (kHz)
250
200
150
100
50
0
0
200
300
500
400
100
Mode 1
50:1
R1 = R3 = 20k
Ω,
R2 = 2k
Ω
BANDPASS OUTPUT
VS = ±5V
f0 = 100kHz
fCLK = 5MHz
Frequency (kHz)
2500
2000
1500
1000
500
0
0
200
300
500
400
100
Figure 7B. Noise Spectrum Density (Q = 10)
Figure 8. fCLK/fNOTCH vs. fCLK
Figure 9. Notch Depth vs. fCLK
100:1
50:1
Mode 1
TA = 25ºC
Q = 10
VS = ±5V
VIN = 0.707VRMS
100
80
60
40
20
0
fCLK (MHz)
04
8
10
26
0.8
0.4
0.0
–0.4
–0.8
–1.2
–1.6
fCLK (MHz)
04
8
10
26
100:1
50:1
Mode 1
TA = 25ºC
Q = 10
VS = ±5V
VIN = 0.707VRMS
Figure 10. Supply Current vs. Supply Voltage
Figure 11. Supply Current vs. Temperature
Temperature (ºC)
–40
20
60
100
–20
40
80
0
15
14
13
12
11
10
Mode 1
VS = ±5V
fCLK = 5MHz
50:1
16
14
12
10
8
Supply Voltage (±V)
23
4
6
5
Q = 10
TA = 25ºC
LSh = VSS
50:1
fCLK = 3MHz
fCLK = 250kHz
fCLK = 10MHz
fCLK = 5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com