Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 22 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 22 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 18Page - Micro Linear Corporation ML2111CIP Datasheet HTML 19Page - Micro Linear Corporation ML2111CIP Datasheet HTML 20Page - Micro Linear Corporation ML2111CIP Datasheet HTML 21Page - Micro Linear Corporation ML2111CIP Datasheet HTML 22Page - Micro Linear Corporation ML2111CIP Datasheet HTML 23Page - Micro Linear Corporation ML2111CIP Datasheet HTML 24Page - Micro Linear Corporation ML2111CIP Datasheet HTML 25Page - Micro Linear Corporation ML2111CIP Datasheet HTML 26Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ML2111
22
Figure 33. Cascading Two Sections in Mode 1d, Each with Q =1, (Independent of Resistor Ratios) to Create a Sharper 4th
Order Lowpass Filter.
Figure 34. Notch Filter with Q = 50 and f0 = 130kHz. This Circuit Uses Side A in Mode 1d and the Side B Op Amp to
Create a Notch Whose Depth is Controlled by R31. The Notch is Created by Subtracting the Bandpass from VIN. The
Bandpass of Side A is Subtracted Using the Op Amp of Side B.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LPA
BPA
HPA
INVA
S1A
SA/B
VA+
VD+
LSh
CLKA
LPB
BPB
HPB
INVB
S1B
AGND
VA-
VD-
50/100
CLKB
R11
R21
R12
R22
VIN
1Vp-p
5V
Clock 7.51MHz
5V
-5V
VOUT
RESISTOR VALUES
R11 = R21 = R12 = R22 = 2.0k
Ω
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LPA
BPA
HPA
INVA
S1A
SA/B
VA+
VD+
LSh
CLKA
LPB
BPB
HPB
INVB
S1B
AGND
VA-
VD-
50/100
CLKB
R31
R24
R32
R21
VIN
2.82Vp-p
5V
Clock 6.5MHz
5V
-5V
VOUT
1% RESISTOR VALUES
R21 = R22 = R23 = R24 = 2k
Ω
R31 = 80k
Ω
R32 = 4.9k
Ω
R34 = 100
Ω
R22
R23
R34
10
0
–10
–20
–30
–40
3–50
–60
–70
FREQUENCY (Hz)
10k
100k
1M
166,224Hz
–3.121dB
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
FREQUENCY (kHz)
127
133
130
129,070Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com