Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 8Page - Micro Linear Corporation ML2111CIP Datasheet HTML 9Page - Micro Linear Corporation ML2111CIP Datasheet HTML 10Page - Micro Linear Corporation ML2111CIP Datasheet HTML 11Page - Micro Linear Corporation ML2111CIP Datasheet HTML 12Page - Micro Linear Corporation ML2111CIP Datasheet HTML 13Page - Micro Linear Corporation ML2111CIP Datasheet HTML 14Page - Micro Linear Corporation ML2111CIP Datasheet HTML 15Page - Micro Linear Corporation ML2111CIP Datasheet HTML 16Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ML2111
12
fCLK/f0 RATIO
The ML2111 is a sampled data filter and approximates
continuous time filters. The filter deviates from its ideal
continuous filter model when the (fCLK/f0) ratio decreases
and when the Qs are low.
f0 ´ Q PRODUCT RATIO
The f0 ´ Q product of the ML2111 depends on the clock
frequency and the mode of operation. The f0 ´ Q product
is mainly limited by the desired f0 and Q accuracy for
clock frequencies below 1MHz in mode 1 and its
derivatives. If the clock to center frequency ratio is
lowered below 50:1, the f0 ´ Q product can be further
increased for the same clock frequency and for the same
Q value.
Mode 3, (Figure 23) and the modes of operation where R4
is finite, are "slower" than the basic mode 1. The resistor
R4 places the input op amp inside the resonant loop. The
finite GBW of this op amp creates an additional phase
shift and enhances the Q value at high clock frequencies.
OUTPUT NOISE
The wideband RMS noise on the outputs of the ML2111 is
nearly independent of the clock frequency, provided that
the clock itself does not become part of the noise. Noise
at the BP and LP outputs increases for high values of Q.
FILTER FUNCTION DEFINITIONS
Each filter of the ML2111, along with external resistors
and a clock, approximates second order filter functions.
These are tabulated below in the frequency domain.
1. Bandpass function: available at the bandpass output
pins (BPA, BPB), Figure 12.
Gs
H
s
Q
s
s
Q
OBP
()
=™
™
+
™



 +
w
w
w
0
20
0
2
(1)
where:
HOBP = Gain at w = w0
f0 = w0/2p. The center frequency of the complex pole
pair is f0. It is measured as the peak frequency of the
bandpass output.
Q = the Quality factor of the complex pole pair. It is
the ratio of f0 to the -3dB bandwidth of the 2nd order
bandpass function. The Q is always measured at the
filter BP output.
FUNCTIONAL DESCRIPTION
POWER SUPPLIES
The analog (VA+) and digital (VD+) supply pins, in most
cases, are tied together and bypassed to AGND with
100nF and 10nF disk ceramic capacitors. The supply pins
can be bypassed separately if a high level of digital noise
exists. These pins are internally connected by the IC
substrate and should be biased from the same DC source.
The ML2111 operates from either a single supply from 4V
to 12V, or with dual supplies at ±2V to ±6V.
CLOCK INPUT PINS AND LEVEL SHIFT
With dual supplies equal to or higher than ±4.0V, the LSh
pin can be connected to the same potential as either the
AGND or the VA- pin. With single supply operation the
negative supply pins and LSh pin should be tied to the
system ground. The AGND pin should be biased half way
between VA+ and VA-. Under these conditions the clock
levels are TTL or CMOS compatible. Both input clock
pins share the same level shift pin.
50/100/HOLD
Tying the 50/100/HOLD pin to the VA+ and VD+ pins
makes the filter operate in the 50:1 mode. Tying the pin
half way between VA+ and VA- makes the filter operate in
the 100:1 mode. The input range for 50/100/HOLD is
either 2.5V ±0.5V with a total power supply range of 5V,
or 5V ±0.5V with a total power supply range of 10V.
When 50/100/HOLD is tied to the negative power supply
input, the filter operation is stopped and the bandpass and
lowpass outputs act as a sample/hold circuit which holds
the last sample.
S1A & S1B
These voltage signal input pins should be driven by a
source impedance of less than 5k
W. The S1A and S1B pins
can be used to feedforward the input signal for allpass
filter configurations (see modes 4 & 5) or to alter the
clock-to-center-frequency ratio (fCLK/f0) of the filter (see
modes 1b, 1c, 2a, & 2b). When these pins are not used
they should be tied to the AGND pin.
SA/B
When SA/B is high, the S2 negative input of the voltage
summing device is tied to the lowpass output. When the
SA/B pin is connected to the negative supply, the S2 input
switches to ground.
AGND
AGND is connected to the system ground for dual supply
operation. When operating with a single positive supply
the analog ground pin should be biased half way between
VA+ and VA-, and bypassed with a 100nF capacitor. The
positive inputs of the internal op amps and the reference
point of the internal switches are connected to the AGND
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com