Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 2Page - Micro Linear Corporation ML2111CIP Datasheet HTML 3Page - Micro Linear Corporation ML2111CIP Datasheet HTML 4Page - Micro Linear Corporation ML2111CIP Datasheet HTML 5Page - Micro Linear Corporation ML2111CIP Datasheet HTML 6Page - Micro Linear Corporation ML2111CIP Datasheet HTML 7Page - Micro Linear Corporation ML2111CIP Datasheet HTML 8Page - Micro Linear Corporation ML2111CIP Datasheet HTML 9Page - Micro Linear Corporation ML2111CIP Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ML2111
6
TYPICAL PERFORMANCE CURVES
Figure 1A. fCLK/f0 vs. fCLK (50:1, VS = ±5V)
0.4
0.0
–0.4
–0.8
–1.2
–1.6
–2.0
–2.4
–2.8
fCLK (MHz)
04
8
10
26
Q = 50
Q = 20
Q = 10
Q = 5
Mode 1
TA = 25ºC
VIN = 0.707VRMS
5
4
3
2
1
0
–1
–2
–3
fCLK (MHz)
04
8
10
26
Mode 1
Q = 10
VIN = 0.707VRMS
TA = 85ºC
TA = 25ºC
Figure 1B. fCLK/f0 vs. fCLK (100:1, VS = ±5V)
Q = 50
Q = 20
Q = 10
Q = 5
Mode 1
TA = 25ºC
VIN = 0.707VRMS
0.4
0.0
–0.4
–0.8
–1.2
–1.6
–2.0
–2.4
–2.8
–3.2
fCLK (MHz)
04
8
10
26
Mode 1
Q = 10
VIN = 0.707VRMS
TA = 85ºC
TA = 25ºC
0.5
0.0
–0.5
–1.0
–1.5
–2.0
fCLK (MHz)
04
8
10
26
Figure 1C. fCLK/f0 vs. fCLK (50:1, VS = ±2.5V)
16
14
12
10
8
6
4
2
0
–2
fCLK (MHz)
0
05
7
9
16
24
3
8
Q = 50
Q = 20
Q = 10
Q = 5
Mode 1
TA = 25ºC
VIN = 0.5VRMS
Mode 1
Q = 10
VIN = 0.5VRMS
TA = 85ºC
TA = 25ºC
10
8
6
4
2
0
–2
fCLK (MHz)
06
19
7
3
8
25
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com